PART |
Description |
Maker |
LT1228MJ8 |
100MHz Current Feedback Amplifier with DC Gain Control
|
Linear Technology
|
R1005300L |
Si Reverse, low current, 5 - 100MHz, 30.8dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
LT1230CSTR |
Quad 100MHz Current Feedback Amplifiers; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|
HA9P5020-5X96 |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL CORP
|
5962-89620012A |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: -55°C to 125°C; Package: 20-LCC 1 CHANNEL, VIDEO AMPLIFIER, CQCC20
|
Intersil, Corp.
|
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
LT1210CR LT1210CS LT1210CT7 |
1.1A/ 35MHz Current Feedback Amplifier 1.1A, 35MHz Current Feedback Amplifier 9-Bit Bus Transceivers With 3-State Outputs 24-PDIP 0 to 70
|
Linear Technology Corporation
|
EL5364 EL5364IS EL5364IS-T13 EL5364IS-T7 EL5364IU |
600MHz Current Feedback Amplifiers with Enable 600MHz Current Feedback Amplifiers with Enable 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 600MHz Current Feedback Amplifiers with Enable 600MHz的电流反馈放大器,启 600MHz Current Feedback Amplifiers with Enable 1 CHANNEL, VIDEO AMPLIFIER, PDSO6
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
HFA1155 HFA1155EVA HFA1155IB HFA1155IB9 HFA1155IH9 |
380MHz, SOT-23, Low Power Current Feedback Operational Amplifier 380MHz,SOT - 23封装,低功耗电流反馈运算放大器 Op Amp, 380MHz, Low Power, Video, Current Feedback, SOT-23 Package 380MHz SOT-23 Low Power Current Feedback Operational Amplifier 380MHz/ SOT-23/ Low Power Current Feedback Operational Amplifier
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
R1005300L |
30dB Reverse Hybrid 5MHz to 100MHz (Low Current)
|
RF Micro Devices
|
EL2270 EL2270CS-T13 EL2270CS-T7 EL2270CSZ EL2270CS |
70MHz/1mA Current Mode Feedback Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 70MHz/1mA Current Mode Feedback Amplifiers 70MHz/1mA电流模式反馈放大
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
EL2232CN EL2232C EL2232CM |
Fast Setting Dual Current Mode Feedback Amplifier 60 MHz Fast Settling Dual Current Mode Feedback Amplifier
|
ELANTEC[Elantec Semiconductor]
|